PART |
Description |
Maker |
2N5401 2N5401RL1 2N5401RLRA 2N5401RLRAG 2N5401RLRM |
Amplifier Transistors 600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Amplifier PNP
|
ONSEMI[ON Semiconductor]
|
KTA1267-Y KTA1267-GR KTA1267-O KTA1267-GR-BP |
PNP General Purpose Application 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
FJZ733GTF |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
MMBT5401-C-AE3-R |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2N5401A |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
KSA709OJ05Z KSA709OJ18Z |
700 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR TO-92, 3 PIN
|
Fairchild Semiconductor, Corp.
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TMPT5401RLK BCX71KLO |
150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
|
MMST39062 MMST3906-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS PNP BIPOLAR 40V SOT323 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
|